|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
"High Frequency Ceramic Solutions" 2.45 GHz Medium Performance Balun (Compatible with TDK) Detail Specification: 07/11/03 P/N 2450BL15K100 Page 1 of 2 General Specifications Part Number Frequency (MHz) Unbalanced Impedence Differential Balanced Imp. Insertion Loss Return Loss Phase Difference (degree) Amplitude Difference 2450BL15K100 2400~2500 50 100 1.0 dB max. 9.5 dB min. 180 10 2 dB max. Terminal Configuration No. Operating Temperature Reel Quanity Power Capacity -40 to +85C 4,000 3 watts max. Function Unbalanced Port GND or DC feed Balanced Port Balanced Port GND NC 1 Mechanical Dimensions In L 0.079 0.004 W 0.049 0.004 T 0.033 0.004 0.012 0.004 b 0.008 0.004 c 0.012 +.004/-.008 a g 0.014 0.004 p 0.026 0.002 mm 2.00 0.10 1.25 0.10 0.85 0.10 0.30 0.10 0.20 0.10 0.30 +0.1/-0.2 0.35 0.10 0.65 0.05 g b L 2 3 W c a p 4 5 6 T Mounting Considerations Mount these devices with brown mark facing up. Line width should be designed to provide proper impedance matching characteristics. Units: mm Without DC feed 0.65 0.35 With DC feed 0.65 0.35 * 0.2 1.0 * 0.2 0.8 1.0 Solder Land * * 0.8 Through-hole (0.3) * 0.25 0.3 * 0.25 0.3 Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 931 Via Alondra * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2003 Johanson Technology, Inc. All Rights Reserved "High Frequency Ceramic Solutions" 2.45 GHz Medium Performance Balun (Compatible with TDK) Detail Specification: 07/11/03 P/N 2450BL15K100 Page 2 of 2 Typical Electrical Performance (T=25C) ) ) ) ) ) ) ) Insertion Loss ) 0 -1 -2 (dB) IL -3 -4 -5 2.30 2.35 2.40 2.45 2.50 2.55 2.60 freq, GHz ) ) Return Loss ) 0 -5 -10 RL ) (dB) -15 -20 -25 -30 2.30 2.35 2.40 2.45 2.50 2.55 2.60 freq, GHz Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 931 Via Alondra * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2003 Johanson Technology, Inc. All Rights Reserved |
Price & Availability of 2450BL15K100 |